|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MDE Semiconductor, Inc. 78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com 15KP SERIES GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17.0 TO 280 Volts 15000 Watt Peak Pulse Power FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * 15000W Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Repetition rate (duty cycle):0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0 ps from 0 volts to BV * Typical Id less than 1A above 10V * High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension P-600 1.0(25.4) MIN .360(9.1) .340(8.6) DIA .360(9.1) .340(8.6) .052(1.3) .048(1.2) 1.0(25.4) MIN MECHANICAL DATA Case:Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.1 gram Dimensions in inches (milimeters) DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types 15KP17 thru types 15KP280 Electrical characteristics apply in both directions. MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. RATING Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1) Peak Pulse Current of on 10-1000 s waveform (NOTE 1) Steady State Power Dissipation at Tl=75 C Lead Lengths.375", (9.5mm)(NOTE 2) SYMBOL PPPM IPPM PM(AV) VALUE Minimum 15000 SEE TABLE 1 8.0 UNITS Watts Amps Watts Peak Forward Surge Current, 8.3ms Sine-Wave IFSM 400.0 Superimposed on Rated Load, (JEDEC Method) (NOTE 3) Operatings and Storage Temperature Range TJ, TSTG -55 to +175 NOTES: 1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum Certified RoHS Compliant UL File # E223026 Amps C MDE Semiconductor, Inc. 78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com 15KP Series Rating and Characteristics Pppm 1 PEAK PULSE POWER 1 KW 10000 1000 Non-repetitive pulse waveform shown in Fig. 3TA = 25C 100 10 1 0.1 1 10 100 1,000 10,000 100,000 td PULSE WIDTH 1 sec FIG. 1 PEAK PULSE POWER RATING Fig.2 - Pulse Derating Curve 100 Peak Pulse Power (P ) PP or Current (IPP) Derating in Percentage,% 87.5 75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200 TA - Ambient Temperature (C) Fig.3 - Pulse Waveform IPPM - Peak Pulse Current,% I RSM 150 tr = 10sec. Peak Value IPPM 100 Half Value- IPPM 2 TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM 50 10/1000sec.Waveform as defined by R.E.A. td 0 0 1.0 2.0 3.0 3.0 4.0 4.0 MDE Semiconductor, Inc. 78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com 15000 Watt TVS UNI-POLAR BI-POLAR REVERSE STANDOFF VOLTAGE VRWM (V) TEST PEAK REVERSE BREAKDOWN MAXIMUM CURRENT CLAMPING PULSE LEAKAGE VOLTAGE (IT) VBR (V) VOLTAGE CURRENT IPP @ VRWM I R mA (A) (A) MIN. @ I T @IPP Vc (V) 17 18.99 50 29.3 15KP17A 15KP17CA 18 20.11 50 30.9 15KP18A 15KP18CA 20 22.34 20 34.3 15KP20A 15KP20CA 22 24.57 10 37.1 15KP22A 15KP22CA 24 26.81 5 40.7 15KP24A 15KP24CA 26 29.04 5 44.0 15KP26A 15KP26CA 28 31.28 5 47.5 15KP28A 15KP28CA 30 33.51 5 50.7 15KP30A 15KP30CA 33 36.90 5 54.7 15KP33A 15KP33CA 36 40.20 5 59.8 15KP36A 15KP36CA 40 44.70 5 65.8 15KP40A 15KP40CA 43 48.00 5 69.8 15KP43A 15KP43CA 45 50.30 5 72.8 15KP45A 15KP45CA 48 53.60 5 77.7 15KP48A 15KP48CA 51 57.00 5 82.8 15KP51A 15KP51CA 54 60.30 5 87.7 15KP54A 15KP54CA 58 64.80 5 93.8 15KP58A 15KP58CA 60 67.00 5 97.4 15KP60A 15KP60CA 64 71.50 5 104.2 15KP64A 15KP64CA 70 78.20 5 113.6 15KP70A 15KP70CA 75 83.80 5 122.0 15KP75A 15KP75CA 78 87.10 5 126.1 15KP78A 15KP78CA 85 94.90 5 137.6 15KP85A 15KP85CA 90 100.50 5 145.6 15KP90A 15KP90CA 100 111.70 5 161.3 15KP100A 15KP100CA 110 122.90 5 178.6 15KP110A 15KP110CA 120 134.00 5 192.3 15KP120A 15KP120CA 130 145.20 5 208.3 15KP130A 15KP130CA 150 167.60 5 241.9 15KP150A 15KP150CA 160 178.70 5 258.6 15KP160A 15KP160CA 170 189.90 5 272.7 15KP170A 15KP170CA 180 201.10 5 288.5 15KP180A 15KP180CA 200 223.40 5 319.1 15KP200A 15KP200CA 220 245.70 5 428.6 15KP220A 15KP220CA 240 268.10 5 384.6 15KP240A 15KP240CA 260 290.40 5 416.7 15KP260A 15KP260CA 280 312.80 5 454.5 15KP280A 15KP280CA For bidirectional type having Vrwm of 40 volts and less, the IR limit is double. For parts without A , the V BR is + 10% Certified RoHS Compliant UL File # E223026 515.4 488.7 440.2 407.0 371.0 343.2 317.9 297.8 276.1 252.5 229.5 216.3 207.4 194.3 182.1 172.2 161.0 155.0 144.9 132.9 123.8 119.7 109.7 103.7 93.6 84.5 78.5 72.5 62.4 58.4 55.4 52.3 47.3 35.2 39.3 36.2 33.2 5000 5000 1500 500 150 50 25 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 |
Price & Availability of 15KP78CA |